Part Number Hot Search : 
133BGC FN4090 7E183 02201 BA6301 1N1397 24S12 A1103
Product Description
Full Text Search
 

To Download UML100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UML100
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The UML100 is Designed for High Power Class C Amplifiers in 225 to 400 MHz Military Communication Equipment.
PACKAGE STYLE .500 6L FLG
C A 2x ON FULL R D
FEATURES:
* PG = 7.5 dB Typical at 400 MHz * Internal Input Matching Network * OmnigoldTM Metalization System
B G .725/18,42 F
E
MAXIMUM RATINGS
IC VCBO VCEO VEBO PDISS TJ TSTG JC 4.0 A 60 V 33 V 4.0 V 250 W @ TC = 25 OC -65 OC to +200 OC -65 C to +150 C 0.7 OC/W
TC = 25 C
O
DIM A B C D E F G H I J K L M N
K H MINIMUM
inches / mm
M L
J
I
MAXIMUM
inches / mm
.150 / 3.43 .045 / 1.14 .210 / 5.33 .835 / 21.21 .200 / 5.08 .490 / 12.45 .003 / 0.08 .125 / 3.18 .725 / 18.42 .970 / 24.64 .090 / 2.29 .150 / 3.81
.160 / 4.06
.220 / 5.59 .865 / 21.97 .210 / 5.33 .510 / 12.95 .007 / 0.18
.980 / 24.89 .105 / 2.67 .170 / 4.32 .285 / 7.24
O
O
.120 / 3.05
.135 / 3.43
ORDER CODE: ASI10698
CHARACTERISTICS
SYMBOL
BVCBO BVCEO BVEBO ICES hFE COB PG D
NONETEST CONDITIONS
IC = 100 mA IC = 50 mA IE = 20 mA VCE = 28 V VCE = 5.0 V VCB = 28 V MHz VCC = 28 V POUT = 100 W IC = 1.0 A f = 1.0
MINIMUM TYPICAL MAXIMUM
60 33 4.0 25 20 200 115
UNITS
V V V mA --pF
f = 400 MHz
7.0 60
dB %
REV. A
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 (818) 982 1200 FAX (818) 765 3004
Specifications are subject to change without notice.
1/1
ERROR! REFERENCE SOURCE NOT FOUND.
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1202 * TELEX: 18-2651 * FAX (818) 765-3004


▲Up To Search▲   

 
Price & Availability of UML100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X